Part Number Hot Search : 
2SC408 7809BT 47362 IN74HC SRGP40 SS402 PSD301 LHF16KA9
Product Description
Full Text Search
 

To Download MB60101BAN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APPLICATION SPECIFIC CAPACITORS HIGH FREQUENCY CERAMIC CAPACITORS MA/MB Series
OUTSTANDING CHARACTERISTICS
I Miniature size I Very high Q at high frequencies I High RF power capabilities I Impervious to environmental conditions I Low dissipation factors I Excellent retrace capability (not applicable for X7R styles) I High temperature stability I Low noise I Meets Mil-55681 with respect to: Shock, Vibration, Moisture Resistance, Solderability, Barometric Pressure, Temperature Cycling, Immersion and Salt Spray
ADDITIONAL FEATURES
I Packaging options I Lot processing data available
MA SERIES
For filtering, coupling and impedance matching in most RF circuits, the MA Series chips and leaded devices offer outstanding performance and reliability with the greatest range of values and configurations. MA Series capacitors can be supplied with military equivalent screening. Please consult our factory. MA Series ceramic fixed capacitors are miniature, high performance precision components having extremely high Q and high power capabilities from low frequencies to gigahertz ranges. These "low loss" multilayer capacitors are extremely stable with respect to variations in temperature, voltage and frequency. MA Series capacitors are designed for miniature state-of-the-art circuit applications. They are small, easy to apply and have excellent reliability. Units are available in ultra-miniature case size 1 (1.4 x 1.4 x 1.4mm) or miniature case size 2 (2.8 x 2.8 x 2.5mm). Standard case size 1 units are available as chips. Standard case size 2 units are available as chips and also in leaded configurations. Clean-room manufacturing technology assures product reliability and automated processing reduces costs and cycle time. Key stages of the operation are monitored and controlled with the latest SPC techniques. Flexibility in design allows the production of non-standard values, while maintaining consistent quality objectives. Please contact the factory for availability of special configurations or high-reliability screening.
PART NUMBERING SYSTEM - CASE SIZE 1 & CASE SIZE 2
M A 1 8 101 J A N
CUBIC MONOLITHIC
A-STD SERIES B-ULTRA HIGH Q
DIMENSIONAL AND T.C. CODE 1: P90 Case 1 5: COG Case 1 7: X7R Case 1 2: P90 Case 2 6: COG Case 2 8: X7R Case 2
TERMINATION CODE: 0: Chip 1: Pellet 2: Microstrip 3: Radial Ribbon 4: Radial Wire 5: Axial Ribbon 6: Narrow Axial Ribbon 7: Axial Wire 8: Nickel Interfaced Pellet 9: Nickel Interfaced Chip
CAPACITANCE TOLERANCES: CODE: Expressed *B: 0.1pF in picofarads and *C : 0.25pF identified by a three-digit *D: 0.5pF number. First two digits F : 1% represent significant G: 2% figures. Last digit J : 5% specifies the number K: 10% of zeros to follow. For M: 20% values below 10pF, Z: +80%, -20% the letter "R" is used as the decimal point and the last digit becomes significant.
A: NO 7" Reel MARKING Plastic B: MARKING Tape Cap. Code & Tol. Logo if space permits Non XR7 styles only *Available below 10pf only
SPECIAL LEAD CONFIGURATION FOR FLEX BOARDS
NOTE: Targeted for flex circuit boards, the MA22-6 version of the MA22 has an upraised lead configuration. The lead bends when flexing the board after assembly so that minimal stress is placed on the component.
Type Style P90 20 P90 30 COG X7R Configuration
W L T
Dimensions: mm L 0.38* W 0.38* T .038 Band Y Termination
Silver Ribbon:
W NE
Raised Micro-Strip
MA22-6 MB22-6
MA62-6 MA82-6
Y
3.4
2.8
2.8
0.38 .25
Length: 6.35 typical Width: 2.3 .13 Thickness: 0.1 .05
118
CG01-J
APPLICATION SPECIFIC CAPACITORS HIGH FREQUENCY CERAMIC CAPACITORS MA/MB Series
DIMENSIONS
Fig. 1 Chip
W L T
Fig. 2 Pellet
L W T
Fig. 3 Micro-Strip
L W T
Fig. 4 Radial Ribbon
W L
Y Y Y Y T
Fig. 5 Radial Wire
L T
Fig. 6 Axial Ribbon
W L
Fig. 7 Narrow Axial Ribbon
W L
Fig. 8 Axial Wire
W L
Y
W
Y
T
Y
T
Y
T
CONFIGURATION AND DIMENSIONS - MA & MB SERIES
Type Style P90 20 P90 30 MA10 MA11 MA18 -- -- -- COG MA50 MA51 MA58 X7R MA70 MA71 MA78 Figure Case Size Dimensions: mm Configuration L 0.38* 1.4 .25 1 EIA Style 0505 W 0.38* T max. Band Y Termination
APPLICATION SPECIFIC CAPACITORS
Chip Pellet Nickel Interfaced Pellet Nickel Interfaced Chip Chip Pellet Micro Strip
1 2 2
Palladium Silver Palladium Silver & Sn62 Solder
1.8 max.
1.4 .25
1.4
0.25 .1
Palladium Silver, Nickel Interface & Sn62 Solder Palladium Silver, Nickel Interface & Tin Plating Palladium Silver Palladium Silver, & Sn62 Solder Silver Ribbon: 6.35 x 2.3 x 0.1mm
MA19
--
MA59
MA79
1
1.4 .25
MA20 MA21
MB20 MB21
MA60 MA61
MA80 MA81
1 2
2.8 3.3 max.
MA22
MB22
MA62
MA82
3
3.4
Radial Ribbon
MA23
MB23
MA63
MA83
4
3.4
Silver Ribbon: 6.35 x 2.3 x 0.1mm
Radial Wire
MA24
MB24
MA64
MA84
5 2 EIA Style 1010
3.8
#26AWG Silver Wire: 12.7 x 0.4mm Dia.
Axial Ribbon
MA25
MB25
MA65
MA85
6
3.4
2.8
2.5
0.38 .25
Silver Ribbon: 6.35 x 2.3 x 0.1mm
Narrow Axial Ribbon
MA26
MB26
MA66
MA86
7
3.4
Silver Ribbon: 6.35 x 1.25 x 0.1mm
Axial Wire
MA27
MB27
MA67
MA87
8
3.8
#26AWG Silver Wire: 12.7mm x 0.4mm Dia.
Nickel Interfaced Pellet Nickel Interfaced Chip
MA28
MB28
MA68
MA88
2
3.3 max.
Palladium Silver, Nickel Interface & Sn62 Solder
MA29
MB29
MA69
MA89
1
*Except where Tolerance is shown.
Lead lengths are typical widths 0.1mm, thickness & dia. 0.05mm.
Palladium Silver, Nickel Interface & Tin Plating All leaded parts are bonded with high temperature solder 748F/398C.
2.8
CG01-J
119
APPLICATION SPECIFIC CAPACITORS MINIATURE MICROWAVE CERAMIC CAPACITORS MACase Size 1 Series
MA10 & 50 SERIES, P90 & COG - CASE SIZE 1
Cap. Code 0R1 0R2 0R3 0R4 0R5 0R6 0R7 0R8 0R9 1R0 1R1 1R2 1R3 1R4 1R5 1R6 1R7 1R8 1R9 2R0 2R2 2R4 2R7 3R0 3R3 3R6 3R9 4R3 Cap. pF 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 Cap. Tol. B
"
WVDC* 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150
*@ 125C
Cap. Code 4R7 5R1 5R6 6R2 6R8 7R5 8R2 9R1 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620
Cap. pF 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62
Cap. Tol. B,C,D
" " "
WVDC* 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150
*@ 125C
Cap. Code 680 750 820 910 101 111** 121** 131** 151** 161** 181** 201** 221** 241** 271** 301** 331** 361** 391** 431** 471** 511** 561** 621** 681** 751** 821** 911** 102**
Cap. pF 68 75 82 91 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 1000
Cap. Tol. F,G,J,K,M
" " " " " " " " " " " " " " " " " " " " " " " " " " " "
WVDC* 150 150 150 150 150 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
B,C
"
B,C,D
" " " " " " " " " " " " " " " " " " " " " " "
B,C,J,K,M
" " "
F,G,J,K,M
" " " " " " " " " " " " " " " " " " "
*@ 125C **Extended Cap Range, COG only
MA70 SERIES, X7R - CASE SIZE 1
Cap. Code 511 561 621 681 751 821 911 102 112 122 132 Cap. pF 510 560 620 680 750 820 910 1000 1100 1200 1300 Cap. Tol. K,M,Z
" " " " " " " " " "
WVDC*** 50 50 50 50 50 50 50 50 50 50 50
***@ 85C
Cap. Code 152 162 182 202 222 242 272 302 332 362 392
Cap. pF 1500 1600 1800 2000 2200 2400 2700 3000 3300 3600 3900
Cap. Tol. K,M,Z
" " " " " " " " " "
WVDC*** 50 50 50 50 50 50 50 50 50 50 50
***@ 85C
Cap. Code 432 472 512 562 622 682 752 822 912 103
Cap. pF 4300 4700 5100 5600 6200 6800 7500 8200 9100 10000
Cap. Tol. K,M,Z
" " " " " " " " "
WVDC*** 50 50 50 50 50 50 50 50 50 50
***@ 85C
120
CG01-J
APPLICATION SPECIFIC CAPACITORS MINIATURE MICROWAVE CERAMIC CAPACITORS
MA20 & 60 SERIES, P90 & COG - CASE SIZE 2
Cap. Code 0R1 0R2 0R3 0R4 0R5 0R6 0R7 0R8 0R9 1R0 1R1 1R2 1R3 1R4 1R5 1R6 1R7 1R8 1R9 2R0 2R1 2R2 2R4 2R7 3R0 3R3 3R6 3R9 4R3 4R7 5R1 5R6 6R2 6R8 Cap. pF 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 Cap. Tol. B
"
MA Case Size 2 Series
Cap. Code 201 221 241 271 301 331 361 391 431 471 511 561 621 681 751 821 911 102 112** 122** 132** 152** 162** 182** 202** 222** 242** 272** 302** 332** 362** 392** 432** 472** 512** Cap. pF 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 1000 1100 1200 1300 1500 1600 1800 2000 2200 2400 2700 3000 3300 3600 3900 4300 4700 5200 Cap. Tol.
" "
WVDC* 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500
*@ 125C
Cap. Code 7R5 8R2 9R1 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430 470 510 560 620 680 750 820 910 101 111 121 131 151 161 181
Cap. pF 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180
Cap. Tol.
"
WVDC* 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 300 300 300 300 300 300
*@ 125C
WVDC* 300 200 200 200 200 200 200 200 200 200 100 100 100 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50
B,C,J,K,M
"
B,C
"
F,G,J,K,M
" " " " " " " " " " " " " " " " " " " " " " " " " " " " " " " "
F,G,J,K,M
" " " " " " " " " " " " " " " " " " " " " " " " " " " " " "
B,C,D
" " " " " " " " " " " " " " " " " " " " " " " " " " " "
APPLICATION SPECIFIC CAPACITORS
B,C,J,K,M
Note: Limited capacitance range available in 1Kv; consult factory.
*@ 125C **Extended Cap Range, COG only
MA80 SERIES, X7R - CASE SIZE 2
Cap. Code 512 562 622 682 752 822 912 103 113 123 133 Cap. pF 5100 5600 6200 6800 7500 8200 9100 10000 11000 12000 13000 Cap. Tol. K,M,Z
" " " " " " " " " "
WVDC** 100 100 100 100 100 100 100 100 100 100 100
**@ 85C
Cap. Code 153 163 183 203 223 243 273 303 333 363 393
Cap. pF 15000 16000 18000 20000 22000 24000 27000 30000 33000 36000 39000
Cap. Tol. K,M,Z
" " " " " " " " " "
WVDC** 100 100 100 100 100 100 100 100 100 100 100
**@ 85C
Cap. Code 433 473 513 563 623 683 753 823 913 104
Cap. pF 43000 47000 51000 56000 62000 68000 75000 82000 91000 100000
Cap. Tol. K,M,Z
" " " " " " " " "
WVDC** 100 100 100 100 100 100 100 100 100 100
**@ 85C
CG01-J
121
APPLICATION SPECIFIC CAPACITORS MINIATURE MICROWAVE CERAMIC CAPACITORS MB Case Size 2 Series
MB20 ~ 29 SERIES, P90 30 - CASE SIZE 2
Cap. Code 0R4 0R5 0R6 0R7 0R8 0R9 1R0 1R1 1R2 1R3 1R4 1R5 1R6 1R7 1R8 1R9 2R0 2R1 2R2 2R4 2R7 3R0 3R3 3R6 3R9 Cap. pF 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.4 2.7 3.0 3.3 3.6 3.9 Cap. Tol. B,C B,C,D
" " " " " " " " " " " " " " " " " " " " " " "
WVDC* 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000
*@ 125C
Cap. Code 4R3 4R7 5R1 5R6 6R2 6R8 7R5 8R2 9R1 100 110 120 130 150 160 180 200 220 240 270 300 330 360 390 430
Cap. pF 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43
Cap. Tol. B,C,D
" " " "
WVDC* 1000 1000 1000 1000 1000 1000 1000 1000 1000 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500 500
*@ 125C
Cap. Code 470 510 560 620 680 750 820 910 101
Cap. pF 47 51 56 62 68 75 82 91 100
Cap. Tol. F,G,J,K,M
" " " " " " " "
WVDC* 300 300 300 300 100 100 100 100 100
B,C,J,K,M
" " "
F,G,J,K,M
" " " " " " " " " " " " " " "
*@ 125C
122
CG01-J
APPLICATION SPECIFIC CAPACITORS HIGH FREQUENCY CERAMIC CAPACITORS MA/MB Series
SPECIFICATIONS
Dissipation Factor MA/MB 18/28; 0.05% maximum MA 58/68; 0.15% maximum @ 1.0VRMS (f = 1 MHz) MA 78/88; 2.5% maximum @ 1.0VRMS maximum (f = 1kHz) MB28 Series P9030ppm/C, (-55C to +175C) MA 18/28 Series P90 20ppm/C, (-55C to +125C) MA 58/68 Series; COG (0 30ppm/C, -55C to +125C) MA 78/88 Series; 15% maximum (-55C to +125C) MA/MB 18/28 1000K M Ohms at +25C, 100K M Ohms at +125C MA 58/68 1000K M Ohms at +25C, 100K M Ohms at +125C MA 78/88 100K M Ohms or 1000 M Ohm F min., whichever is less (@ 25C) 10K M Ohms or 100 M Ohms F min., whichever is less (@ 125C) MA/MB 18/28/58/68/78/88, 250% of WVDC for 5 seconds Meets or Exceeds MIL-PRF-55681 (Does not apply for MA 78/88) Negligible for MA/MB 18/28/58/68, MA 78/88; 2.5% per decade maximum MIL-STD-202 Method 213, Condition J Method 204, Condition B Method 106 Method 208 Method 104, Condition B Method 105, Condition B Method 210, Condition B Method 107, Condition A Method 108, Condition F Standard MA/MB product is unmarked
Temperature Coefficient
Insulation Resistance
Dielectric Test Voltage Capacitance Drift Aging Environmental Tests Shock Vibration Moisture Resistance Solderability Immersion Barometric Pressure Resistance to Soldering Heat Thermal Shock Life Marking
APPLICATION SPECIFIC CAPACITORS
TAPE AND REEL PACKAGING
+0.1 1.5 -0 1.75 0.1 3.5 0.05 B0 2.75 8.0 0.3
DIMENSIONS: mm
PACKAGING:
Case 1 - 3,000 pcs. Case 2 - 1,000 pcs.
Unit: mm
A0
4.0 0.1 4.0 0.1 2.0 0.1
Cover tape
Direction of feed
NOTE: 1 Ao & Bo are determined by maximum specified length and width of components plus 0.016 0.008, plus the additional requirement that components not be allowed to rotate more than 20 within the cavity clearance or whichever condition occurs first.
Embossed carrier
Embossment
CONDUCTIVE TAPE
Advantages Conductive Flexibility Dimensional strength Dimensional stability Benefits Prevents static charge build-up Insures against crazing, cracking and brittleness Drive loading will not elongate sprocket holes Smooth, reliable running on pick and place machines
ELECTRICAL PROPERTIES
Property Resistivity Electrostatic Decay Time At 50% RH@21C Value 5 x 10 ohm/square 0.01 Sec.
5
Test Method ASTM D-257 ASTM D-257
Typical Values
Other packaging options available -- Consult Factory
CG01-J
123


▲Up To Search▲   

 
Price & Availability of MB60101BAN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X